PART |
Description |
Maker |
ZXLD1366QEN8TC |
AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
|
Diodes Incorporated
|
ZXLD1371 ZXLD1371QESTTC ZXLD1371EST16TC |
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
|
Diodes Incorporated
|
A6276ELP-T A6276EA-T A6276SLWTR-T 6276_03 A6276ELP |
16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIV ER
|
ALLEGRO[Allegro MicroSystems]
|
HFX6015-548 HFX6015-200 |
Super bright LED for optical fiber communication High accuracy by use of special plastic package with centered LED die
|
Honeywell Solid State E...
|
SP7616ER-L_TR SP7616 SP7616ER-L SP7616ER-L/TR |
High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
|
SIPEX[Sipex Corporation]
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
MAX4007 MAX4008 MAX4008EUT-T MAX4007EUT-T |
"?High-Accuracy, 76V High-Side Current Monitor in SOT23" "High-Accuracy, 76V, High-Side Current Monitor with internal resistive load in SOT23" High-Accuracy, 76V, High-Side Current Monitors in SOT23
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
HV9912NG-G HV9912 |
Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
|
Supertex, Inc
|
ADP3338 ADP3338AKC-18 ADP3338AKC-25 ADP3338AKC-285 |
0.3-8.5V; high accuracy ultralow 1A anyCAP low dropout regulator. For notebook, palmtop computers, SCSI terminators, battery-powered systems CONNECTOR 5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 Two, Three and Four Cell Lithium or Lithium-Polymer Battery Protection AFE 30-TSSOP -40 to 110 高精度超低智商,一甲,anyCAP低压差稳压器 High-Accuracy Ultralow IQ/ 1 A/ anyCAP Low Dropout Regulator JT 55C 55#20 PIN RECP JT 100C 100#22D PIN RECP Circular Connector; No. of Contacts:21; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-21 RoHS Compliant: No From old datasheet system High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator High Accuracy Ultralow Quiscent Current, 1A, any CAPDropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
BCP56M |
NPN Silicon AF Transistor for AF driv...
|
Infineon
|
ADP3334ACP-REEL7 ADP3334AR-REEL ADP3334AR-REEL7 AD |
High Accuracy Low I<SUB>Q</SUB>, 500 mA anyCAP® Adjustable Low Dropout Regulator High Accuracy Low IQ, 500 mA anyCAP® Adjustable Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-10 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 High Accuracy, Low IQ, anyCAP? Adjustable Low Dropout Regulator
|
Analog Devices, Inc.
|
2SC1722 |
LOW FREQUENCY POWER AMPLIFIER TV HORIZONTAL/VERTICAL DRIV
|
Unknow
|